Part Number Hot Search : 
SSR2010M MJD34011 BG3033BQ SMBG160A DDTC114 IRPT1058 ONDUC TPC6103
Product Description
Full Text Search
 

To Download LMR25C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LMR25C
www.SunLED.com
3.2mm ROUND SOLID STATE LED LAMP
Features
LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. AVAILABLE ON TAPE FOR AUTOMATIC MOUNTING MACHINE. LONG LIFE-SOLID STATE RELIABILITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85 260C For 3 Seconds 260C For 5 Seconds Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MR (GaAlAs) 1.85 2.5 10 Unit V V uA
P
660
nm
D
640
nm
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 397
Wavelength nm P
Viewing Angle 2 1/2
LMR25C
Red
GaAlAs
Red Transparent
110
660
35
Published Date : MAR 18,2008
Drawing No :SDSA2783
V4
Checked : B.L.LIU
P.1/4
Part Number:
LMR25C
www.SunLED.com
3.2mm ROUND SOLID STATE LED LAMP
MR
Published Date : MAR 18,2008
Drawing No :SDSA2783
V4
Checked : B.L.LIU
P.2/4
Part Number:
LMR25C
www.SunLED.com
3.2mm ROUND SOLID STATE LED LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 18,2008
Drawing No :SDSA2783
V4
Checked : B.L.LIU
P.3/4
Part Number:
LMR25C
www.SunLED.com
3.2mm ROUND SOLID STATE LED LAMP
PACKING & LABEL SPECIFICATIONS
LMR25C
Published Date : MAR 18,2008
Drawing No :SDSA2783
V4
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LMR25C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X